Electronic Components Datasheet Search
  English  ▼

X  

PCD5032 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 10Page - NXP Semiconductors PCD5032 Datasheet HTML 11Page - NXP Semiconductors PCD5032 Datasheet HTML 12Page - NXP Semiconductors PCD5032 Datasheet HTML 13Page - NXP Semiconductors PCD5032 Datasheet HTML 14Page - NXP Semiconductors PCD5032 Datasheet HTML 15Page - NXP Semiconductors PCD5032 Datasheet HTML 16Page - NXP Semiconductors PCD5032 Datasheet HTML 17Page - NXP Semiconductors PCD5032 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1997 Apr 03
14
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
10 DC AND AC CHARACTERISTICS
VDD = 2.7 to 5.5 V; VSS = 0 V; CLK = 3456 kHz; Tamb = −25 to +70 °C; all voltages with respect to VSS; unless
otherwise specified. Specifications valid in active mode, except standby supply current.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
VDD
operating supply voltage
2.7
−
5.5
V
IDD
operating supply current
no load; Tamb =25°C; note 1
−
714
mA
Istb
standby supply current
Tamb =25°C; note 1
−
20
100
µA
ILI
input leakage current
VSS ≤ VI ≤ VDD
−1
−
+1
µA
VGA
analog signal ground voltage
0.48VDD
0.5VDD
0.52VDD V
VREF+
positive reference voltage
note 2
0.8
1.0
1.2
V
VREF−
negative reference voltage
note 2
−0.8
−1.0
−1.2
V
Digital I/O
VIL
LOW level input voltage
note 3
0
−
0.3VDD
V
VIH
HIGH level input voltage
note 3
0.7VDD
−
VDD
V
VOL
LOW level output voltage
note 3
−−
0.4
V
VOH
HIGH level output voltage
note 3
VDD −o.4
−
VDD
V
Rpd(int)
internal pull-down resistance
note 3
−
150
−
k
Ω
fDCLK
DCLK frequency
note 4
1
⁄54fCLK =64
−
fCLK
kHz
fRAS, fTAS
RAS, TAS frequency
note 4
−
8
−
kHz
I2C-bus timing
fSCL
SCL clock frequency
−−
100
kHz
tSW
tolerable pulse spike width
−−
50
ns
tBUF
bus free time
4.7
−−µs
tSU;STA
set-up time repeated START
4.7
−−µs
tHD;STA
hold time START condition
4.0
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4.0
−−µs
tr
rise time SDA and SCL
−−
1.0
µs
tf
fall time SDA and SCL
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tSU;STO
set-up time STOP condition
4.0
−−µs
Analog inputs; note 5
Zi(TM+)
input impedance, TM+
note 6
−
125
−
k
Ω
Zi(TM−)
input impedance, TM
−
note 6
−
125
−
k
Ω
Vi
nominal input level
RMS value; note 7
−
12
−
mV
Vi(max)
maximum input signal
RMS value; note 8
−
56
−
mV
Gv(min)
minimum voltage gain
−4
−3
−2dB
Gv(max)
maximum voltage gain
+3
+4
+5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com