Electronic Components Datasheet Search
  English  ▼

X  

PCD5032 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD5032
Description  ADPCM CODEC for digital cordless telephones
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5032 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD5032 Datasheet HTML 11Page - NXP Semiconductors PCD5032 Datasheet HTML 12Page - NXP Semiconductors PCD5032 Datasheet HTML 13Page - NXP Semiconductors PCD5032 Datasheet HTML 14Page - NXP Semiconductors PCD5032 Datasheet HTML 15Page - NXP Semiconductors PCD5032 Datasheet HTML 16Page - NXP Semiconductors PCD5032 Datasheet HTML 17Page - NXP Semiconductors PCD5032 Datasheet HTML 18Page - NXP Semiconductors PCD5032 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
1997 Apr 03
15
Philips Semiconductors
Product specification
ADPCM CODEC for digital cordless
telephones
PCD5032
Notes
1. All outputs left open. IDD measured with all inputs connected to VSS, except: CLK and DCLK connected to 3.456 MHz;
RAS and TAS connected to 8 kHz. Istb measured with all inputs connected to VSS, except: TM+, TM− left open.
2. The reference voltage is available on VREF+ and VREF− and is measured with respect to VGA. The voltage outputs
are intended for electret microphone supply and can deliver 400
µA.
3. Digital inputs and outputs are CMOS-levels compatible. The outputs and inputs can sink or source 1 mA. Pull-down
resistors are present at pins RPI, TPI, TEST, RAD.
4. Any frequency between min. and max. is allowed for DCLK. The signals CLK and RAS/TAS must be
frequency-locked and will have a ratio of fCLK/fRAS = 432
5. All analog input/output voltages are measured differentially. The circuit is designed for use with an electret
microphone.
6. Frequency band is 300 Hz to 3400 Hz. Maximum load capacitance = 100 pF differentially, or 200 pF each pin.
7. Nominal signal level gives
−10 dBm0 on the PCM interface (G.711/G.712). Value given for TX gain setting 0 dB.
8. Nominal signal level gives 3.14 dBm0 on the PCM interface, with larger input signals the digital output will be
saturated. Value given for TX gain setting 0 dB.
9. Transmitter gain setting = 0 dB and input signal level = 40 mV (RMS) (will generate 0 dBm0 on PCM interface
according to G.711).
10. PCM signal level is 0 dBm0 and RX gain setting 0 dB. With a load of 300
Ω between RE+ and RE− the signal level
results in an output power of 1 mW. The maximum output current is 10 mA.
11. PCM signal level is +3.14 dBm0 and RX gain setting +4 dB. The maximum output current is 10 mA.
12. PCM signal level is 0 dBm0 (G.711).
13. For maximum output power the load resistance should equal the typical output impedance (specified at
ILOAD −20 mA). The absolute maximum value of output power given in Chapter 9 defines the minimum load
resistance.
Gv(step)
voltage gain, step size
−
1
−
dB
THDTX
total harmonic distortion
(transmitted)
note 9
−−
−40
dB
Receiver audio output
Zo
output impedance
note 6
−
10
−Ω
Vo(rms)
output signal level (RMS
value)
0 dBm0; note 10
−
550
−
mV
3.14 dBm0; note 11
−
1250
−
mV
Gv(min)
minimum voltage gain
−4
−3
−2dB
Gv(max)
maximum voltage gain
+3
+4
+5
dB
Gv(step)
voltage gain, step size
−
1
−
dB
Gvol
volume control range
−36
−
0dB
Gvol(step)
volume step size
−
6.0
−
dB
THDRX
total harmonic distortion
(received)
note 12
−−
−40
dB
Ringer output; notes 5 and 13
Zo
output impedance
−
14
29
Ω
Gvol
volume control range
−29
−
+4
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com