Electronic Components Datasheet Search
  English  ▼

X  

PCE-BDP10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-BDP10
Description  Manometer PCE-BDP 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-BDP10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-BDP10 Datasheet HTML 1Page - PCE Instruments. PCE-BDP10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
± 2 PSI
Measurement accuracy         ± 0.006 PSI (0 ... 0.2 PSI)
 
± (0.006 PSI + 1.5% of Mw) (> 0.2 PSI)
Resolution
0.001 PSI
Display units
Bar, PSI, mbar, kPa, inH20, cmH2O,
 
ozin2, inHg, mmHg, kg / cm², ftH2O
Medium
Air
Connection
Plug nipple for direct
 
hose connection
Automatic shutdown    
15 minutes
Power supply
4 x 1.5V AAA batteries
Operating conditions
0 ... 50°C / 32 ... 122°F
Location conditions
-10 ... 60°C / 14 ... 140°F
Dimensions
178 x 38 x 24 mm / 7 x 1.5 x 0.9 in
Weight
About 70 g / < 1 lb without batteries
 
 
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com