Electronic Components Datasheet Search
  English  ▼

X  

PCE-BDP10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-BDP10
Description  Manometer PCE-BDP 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-BDP10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-BDP10 Datasheet HTML 1Page - PCE Instruments. PCE-BDP10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manometer PCE-BDP 10
Bluetooth ManometerPCE-BDP 10
Bluetooth differential pressure gauge with LCD / Differential pressure gauge up to ± 2PSI 
The Bluetooth differential pressure gauge PCE-BDP 10 is used to quickly and easily check the differential pressure. The Bluetooth differential
pressure gauge finds its application, for example, in the ventilation and air conditioning technology with the help of a smartphone to measure
the gas flow pressure or the static pressure. Also, the Bluetooth differential pressure gauge can be used to check for pressure drops. Here is in
the app of the differential pressure gauge, a graphical display available. The measurement data can be sent by email for further processing. 
In order to use the differential pressure gauge without a Bluetooth smartphone, the meter is equipped with a display. Thus, the Bluetooth
differential pressure gauge is also self-sufficient. The PCE-BDP 10 may represent the differential pressure readings 11 units. The measuring
range extends from -2 ... 2 PSI (± 137.9 mbar / hPa).
Android and iOS app
Bluetooth interface
± 2 PSI measuring range
11 different units
LC display
Plug nipple connection


Similar Part No. - PCE-BDP10

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCE-B-07 ADAM-TECH-PCE-B-07 Datasheet
116Kb / 1P
.100 RECEPTACLE WITH BOARD HOOKS
PCE-B-XX ADAM-TECH-PCE-B-XX Datasheet
82Kb / 1P
909 Rahway Avenue
logo
PCE Instruments.
PCE-BPD-C-66A PCE-PCE-BPD-C-66A Datasheet
491Kb / 2P
Digital Universal Indicator PCE-BPD-C-66A
PCE-BPD-P-66D PCE-PCE-BPD-P-66D Datasheet
499Kb / 2P
Digital Universal Indicator PCE-BPD-P-66D
PCE-BPD-U-41A PCE-PCE-BPD-U-41A Datasheet
471Kb / 2P
Digital Universal Indicator PCE-BPD-U-41A
More results

Similar Description - PCE-BDP10

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
406800 EXTECH-406800 Datasheet
107Kb / 6P
Differential Pressure Manometer
406850 EXTECH-406850 Datasheet
93Kb / 6P
Differential Pressure Manometer
HD700 EXTECH-HD700 Datasheet
108Kb / 7P
Differential Pressure Manometer
406800 EXTECH-406800_15 Datasheet
229Kb / 1P
Differential Pressure Manometer
logo
Copal Electronics
PG-100 COPAL-PG-100 Datasheet
1Mb / 3P
HANDY MANOMETER
PG-100B COPAL-PG-100B Datasheet
289Kb / 5P
HANDY MANOMETER
PG-100N COPAL-PG-100N Datasheet
143Kb / 5P
HANDY MANOMETER
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
HANDHELD DIGITAL MANOMETER
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
HANDHELD DIGITAL MANOMETER
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com