Electronic Components Datasheet Search
  English  ▼

X  

PCE-P30 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-P30
Description  Pressure Meter PCE-P30
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-P30 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-P30 Datasheet HTML 1Page - PCE Instruments. PCE-P30 Datasheet HTML 2Page - PCE Instruments. PCE-P30 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Pressure
Meter 
Parameter
PCE-P30
Max. Pressure
positive/ negative
or overpressure /
vacuum 
60 psi
PSI
Range
0...±30
Resolution
0.02
mbar
Range
0...±2000
Resolution
2
inH 0
Range
0...±830
Resolution
0.5
inHg
Range
0...±61
Resolution
0.01
mmHg
Range
0...±1500
Resolution
1
kPa
Range
0...±200
Resolution
0.2
cmH 0
Range
0...±2100
Resolution
2
Kg/cm²
Range
0...±2.1
Resolution
0.002
Data format
Baud rate: 2400 baud,1 stop bit, 8 data
bits
Accuracy
±0.3 % (full range, @ +25°C / +77°F)
Repeatability
±0.2 % (max. ±0.5 % of full scale)
Duration
0.3 ms
Operating temperature max
+50 °C / +122 °F
Battery
1 x 9 V - block battery PP3
Dimensions
182 x 72 x 30 mm / 7.1 x 2.8 x 1.1"
Weight
150 g / 5.3 oz
2
2
More information
Manual
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com