| Electronic Components Datasheet Search |
|
PCE-P30 Datasheet(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-P30 Datasheet(HTML) 1 Page - PCE Instruments. |
|
1 / 3 page ![]() Pressure Meter PCE-P30 Pressure Meter PCE-P30 with RS232 interface and software, for overpressure, underpressure, differential pressure, suitable for air and gases Here you can see a professional differential pressure meter with the highest accuracy and best performance. With this differential manometer you can not only measure. The pressure readings can easily be transferred online to a PC or laptop. The differential pressure gauge is ideal for use in industry, in service and in the laboratory. The device is particularly suitable for measuring non-corrosive media. The overload protection is twice the measuring range. The 9 units that can be shown on the display make this differential manometer universally applicable for the practitioner on site and saves laborious conversion of the measurement results (conversion table of the pressure units). If you want to transfer the measurement data from the differential manometer to the computer, you need the optional software and the RS- 232 interface cable. The software runs in conjunction with the Windows® versions `95,` 98, `2000 and ME / XP (short info: pressure measuring device with interface). The principle of absolute and differential pressure measurement is explained if you follow the link below: Principle of absolute and differential pressure measurement. DIN ISO 9000 calibration certificates for the pressure gauges and corresponding accessories are also available. Software The software for data transfer and the interface cable can optionally be ordered as a package. The differential manometer is connected to the PC with the RS-232 cable. The software is installed from the CD. The pictures below give you an optical impression of the software. The differential manometer transmits the respective measured values online to the PC. The values determined on the differential manometer are plotted directly on the y-axis. The differential pressure values are indicated with "-" in a field below the graphic (visible on the top left picture (in the red circle)). The measuring units can be changed to the desired unit both on the differential manometer and in the software. All measured values are written in a data file and can be saved under any name on the hard disk of the computer. Many customers also transfer the values to e.g. MS Excel for further analysis. 9 selectable units Digital display of over, under (vacuum) or differential pressure Min / Max memory Data hold function Backlit LCD display Impact-resistant ABS housing Auto-power-off function |
Similar Part No. - PCE-P30 |
|
Similar Description - PCE-P30 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |