Electronic Components Datasheet Search
  English  ▼

X  

SS42R Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS42R
Description  Solid State Hall-effect Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS42R Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS42R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS42R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS42R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS42R Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Solid State Hall-effect Sensors
Active High/Active Low Complementary
Output Hall-effect Latch
SS42R Series
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Parameter
Min
Max
Unit
Conditions
Temperature
-40
125
°C
Storage, no power applied
Supply Voltage (Vs)
-28
28
V
0
°C to 100 °C [32 °F to 212 °F]
Voltage Externally Applied to Output
-1.2
5
V
0
°C to 100 °C [32 °F to 212 °F]
Output Current
-10
10
mA
Magnetic Flux
–
–
–
No limit; the circuit cannot be damaged by
magnetic overdrive
Note:
1.
Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However,
the electrical and magnetic characteristics are not guaranteed as the maximum limits (above recommended operating
conditions) are approached nor will the device necessarily operate at absolute maximum rating.
ELECTRICAL CHARACTERISTICS
24 °C ± 2 °C
[75.2 °F ± 2 °F]
0
°C to 75 °C
[32 °F to 167 °F]
Parameter
Min
Max
Min
Max
Unit
Conditions
Supply Current
11.0
12.0
mA
28 V ± 0.5% supply
Output Voltage
#1 Sourcing
#2 Sinking
#1 Sinking
#2 Sourcing
5.0
0
0
5.0
6.0
0.2
0.2
6.0
–
–
–
–
–
–
–
–
mA
Switch magnetically operated:
No load 28 V ± 0.5% supply.
Switch magnetically released:
No load 28 V ± 0.5% supply.
Leakage (sink)
1.0
1.0
µA
Apply voltage 0.2 V greater than measured
output source voltage measure current, no load
28 V ± 0.5% supply.
Output Current
#1 Sourcing
#2 Sinking
#1 Sinking
#2 Sourcing
4.0
2.8
2.8
4.0
6.5
4.7
4.7
6.5
3.75
2.4
2.2
3.75
6.4
4.4
4.4
6.4
mA
Apply 2 V to output and measure current. Switch
magnetically operated, no load 28 V ±0.5%.
Apply 2 V to output and measure current. Switch
magnetically released, no load 28 V ±0.5%
Output Switching Time
Fall Time
Rise Time
–
–
–
–
1.0
1.0
µs
90 % to 10 %; no load 28 V ± 0.5% supply
10 % to 90 %; no load 28 V ± 0.5% supply
MAGNETIC CHARACTERISTICS
(Note 1)
24 °C ± 2 °C
[75.2 °F ± 2 °F]
Vs=12 Vdc ± 0.5% Vdc
0
°C to 75 °C
[32 °F to 167 °F]
Vs=4.5 Vdc to 28 Vdc
0
°C to 100 °C
[32 °F to 212 °F]
Vs=4.5 Vdc to 16 Vdc
Parameter
Min
Max
Min
Max
Min
Max
Operate Point
55
185
40
250
40
350
Release Point
-185
-55
-250
-40
-350
-40
Differential
200
300
150
420
150
600
Note:
1.
The magnetic field strength (gauss) required to cause the switch to change state (operate and release) will be as
specified in the magnetic characteristics. To test the switch against the specified magnetic characteristics the switch
must be placed in a uniform magnetic field.
2 Honeywell
• Sensing and Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com