Electronic Components Datasheet Search
  English  ▼

X  

SS42R Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS42R
Description  Solid State Hall-effect Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS42R Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS42R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS42R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS42R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS42R Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Solid State Hall-effect Sensors
Active High/Active Low Complementary
Output Hall-effect Latch
SS42R Series
Sensing and Control
FEATURES
• Digital dual complementary
sink/source outputs
• Reverse Voltage Polarity
protection for full supply
range.
• Operate/release points are
trimmed for zero symmetry
• High output current
capability
• Small 4-pin SIP package
TYPICAL APPLICATIONS
• Conveyors
• Motor control
• Ignition timing
• Power sensing
• Linear or rotary motion
detection
• RPM sensing
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the
product could result in
personal injury.
Failure to comply with
these instructions could
result in death or serious
injury.
The SS42R Series is a Bipolar Latching Hall IC with a pair of
complementary push/pull outputs. A dual Hall element is used to offset
stress induced noise and drift. The operate and release points are laser
trimmed to insure near-zero symmetry. The robust outputs are capable of
sourcing up to 6.4 mA and sinking up to 4.4 mA. The device contains
inherent reverse polarity protection up to the full power supply rating.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is provided
in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.


Similar Part No. - SS42R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS420 LUGUANG-SS420 Datasheet
537Kb / 2P
4A Schottky Rectifier Diodes
logo
MDE Semiconductor, Inc.
SS420MOV MDE-SS420MOV Datasheet
304Kb / 5P
High Energy Thermally Protected SSMOV
logo
Honeywell Accelerometer...
SS421H HONEYWELL-ACC-SS421H Datasheet
466Kb / 5P
Honeywell Sensing and Control
SS421L HONEYWELL-ACC-SS421L Datasheet
164Kb / 6P
Adjustable Hall-Effect Under-speed Detectors
logo
Sensitron
SS4245 SENSITRON-SS4245 Datasheet
40Kb / 3P
Standard Recovery Rectifier
More results

Similar Description - SS42R

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS490 HONEYWELL-SS490 Datasheet
157Kb / 5P
Solid State Hall Effect Sensors High Performance Miniature Ratiometric Linear
logo
Honeywell Accelerometer...
91SS12-2 HONEYWELL-ACC-91SS12-2 Datasheet
71Kb / 1P
SOLID STATE LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
Littelfuse
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
Hall Effect Sensors
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
Hall Effect Sensors
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
Hall Effect Sensors
logo
Feeling Technology Corp...
FS50 FEELING-FS50 Datasheet
57Kb / 7P
LINEAR HALL-EFFECT SENSORS
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
Linear Hall-effect Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com