Electronic Components Datasheet Search
  English  ▼

X  

MT5C6401C-25L/XT Datasheet(PDF) 8 Page - Austin Semiconductor

Part # MT5C6401C-25L/XT
Description  64K x 1 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C6401C-25L/XT Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button MT5C6401C-25L/XT Datasheet HTML 2Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 3Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 4Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 5Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 6Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 7Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 8Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 9Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SRAM
MT5C6401
Austin Semiconductor, Inc.
MT5C6401
Rev. 1.0 8/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
MECHANICAL DEFINITIONS*
ASI Case #105 (Package Designator C)
SMD 5962-86015, Case Outline X
NOTE: These dimensions are per the SMD. ASI's package dimensional limits may
differ, but they will be within the SMD limits.
* All measurements are in inches.
D
E
Pin 1
A
Q
L
e
b
b1
S1
L1
S
S2
E1
c
MIN
MAX
A
---
0.200
b
0.014
0.023
b1
0.030
0.065
c
0.008
0.015
D
---
1.260
E
0.220
0.310
E1
0.290
0.320
e
L
0.125
0.200
L1
0.150
---
Q
0.015
0.060
S
---
0.080
S1
0.005
---
S2
0.005
---
SYMBOL
0.100 BSC
SMD SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com