Electronic Components Datasheet Search
  English  ▼

X  

MT5C6401C-25L/XT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # MT5C6401C-25L/XT
Description  64K x 1 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C6401C-25L/XT Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button MT5C6401C-25L/XT Datasheet HTML 2Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 3Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 4Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 5Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 6Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 7Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 8Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 9Page - Austin Semiconductor MT5C6401C-25L/XT Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SRAM
MT5C6401
Austin Semiconductor, Inc.
MT5C6401
Rev. 1.0 8/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
** OPTIONS
L = 2V Data Retention/Low Power
ORDERING INFORMATION
Device Number
Package
Type
Speed
ns
Options** Process
MT5C6401
C
-12
L
/*
MT5C6401
C
-15
L
/*
MT5C6401
C
-20
L
/*
MT5C6401
C
-25
L
/*
MT5C6401
C
-35
L
/*
MT5C6401
C
-45
L
/*
MT5C6401
C
-55
L
/*
MT5C6401
C
-70
L
/*
EXAMPLE: MT5C6401C-45L/883C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com