Electronic Components Datasheet Search
  English  ▼

X  

IRFIB5N50LPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFIB5N50LPBF
Description  SMPS MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB5N50LPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFIB5N50LPBF Datasheet HTML 1Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 2Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 3Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 4Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 5Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 6Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 7Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 8Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFIB5N50LPbF
4
www.irf.com
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 8. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 150
C
J
°
T = 25
C
J
°
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs+ Cgd, CdsSHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
Fig 7. Typical Gate Charge vs.
Gate-to-Source Voltage
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
Q , Total Gate Charge (nC)
G
I
=
D
4.0A
V
= 100V
DS
V
= 250V
DS
V
= 400V
DS
Fig 6. Typ. Output Capacitance
Stored Energy vs. VDS
0
100
200
300
400
500
600
VDS, Drain-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com