Electronic Components Datasheet Search
  English  ▼

X  

IRFIB5N50LPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFIB5N50LPBF
Description  SMPS MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB5N50LPBF Datasheet(HTML) 7 Page - International Rectifier

  IRFIB5N50LPBF Datasheet HTML 1Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 2Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 3Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 4Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 5Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 6Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 7Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 8Page - International Rectifier IRFIB5N50LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRFIB5N50LPbF
www.irf.com
7
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 16a. Gate Charge Test Circuit
Fig 16b. Basic Gate Charge Waveform
Fig 14. Maximum Avalanche Energy
vs. Drain Current
Fig 15b. Unclamped Inductive Waveforms
Fig 15a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
0
80
160
240
320
Starting Tj, Junction Temperature
( C)
°
I D
TOP
BOTTOM
1.8A
2.5A
4.0A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com