Electronic Components Datasheet Search
  English  ▼

X  

ADPA1113 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA1113
Description  2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1113 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA1113 Datasheet HTML 9Page - Analog Devices ADPA1113 Datasheet HTML 10Page - Analog Devices ADPA1113 Datasheet HTML 11Page - Analog Devices ADPA1113 Datasheet HTML 12Page - Analog Devices ADPA1113 Datasheet HTML 13Page - Analog Devices ADPA1113 Datasheet HTML 14Page - Analog Devices ADPA1113 Datasheet HTML 15Page - Analog Devices ADPA1113 Datasheet HTML 16Page - Analog Devices ADPA1113 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADPA1113
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 17
The ADPA1113 is a GaN power amplifier with cascaded gain stages
that is biased by a positive drain supply and an externally applied
negative gate voltage applied to the VGG1 pin. A nominal 28 V is
applied to the first, second, and third stages, and a negative voltage
is applied to VGG1 to set the total IDQ to 750 mA nominal.
When biased as described, the device operates in Class AB, result-
ing in the maximum PAE at saturation. The ADPA1113 features
integrated RF chokes for each drain plus on-chip DC blocking of
the RFIN and RFOUT ports. While the RFIN and RFOUT ports are
internally DC blocked, there is a DC path to ground on the RFIN
pin. As a result, if the DC bias level of the signal driving RFIN
is not equal to zero, then the DC bias level must be externally
AC-coupled.
Figure 45. Basic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com