Electronic Components Datasheet Search
  English  ▼

X  

ADPA1113 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA1113
Description  2 GHz to 6 GHz, 46 dBm (40 W), GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1113 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA1113 Datasheet HTML 9Page - Analog Devices ADPA1113 Datasheet HTML 10Page - Analog Devices ADPA1113 Datasheet HTML 11Page - Analog Devices ADPA1113 Datasheet HTML 12Page - Analog Devices ADPA1113 Datasheet HTML 13Page - Analog Devices ADPA1113 Datasheet HTML 14Page - Analog Devices ADPA1113 Datasheet HTML 15Page - Analog Devices ADPA1113 Datasheet HTML 16Page - Analog Devices ADPA1113 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
ADPA1113
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 17
APPLICATIONS CIRCUIT
Figure 46. Typical Application Circuit
BASIC CONNECTIONS
The basic connections to operate the ADPA1113 are shown in
Figure 46.The same drain supply voltage, 28 V nominal, must be
applied to all of the five VDD pins (VDD1, VDD2A, VDD2B, VDD3A,
and VDD3B). The VDD pins are capactively decoupled as shown
in Figure 46. The gate voltage for all three stages (−1.9 V to −4.0
V for biased operation and −8 V for pinch-off voltage) is applied to
the VGG1 pin that is decoupled as shown in Figure 46. Pin 1 and
Pin 7 are designated as no internal connection (NIC) pins. Although
these NIC pins are not internally connected, the NIC pins were all
connected to ground during the characterization of the device.
To turn on the device, apply −4 V to VGG1 which places it in
pinch-off voltage. Then, apply 28 V to VDD1, VDD2A, VDD2B,
VDD3A, and VDD3B. Increase the gate voltage (more positive) until
the drain current is 750 mA, VGG1 is approximately −2 V, and apply
the RF signal. If the desired gate voltage is known in advance,
VGG1 can be set to that voltage directly without going through the
pinch-off step.
To turn off the device, turn off the RF signal and set the VDD
voltages to 0 V before increasing VGG1 to 0 V.
The configuration shown in Figure 46, which is also the default
configuration of the customer evaluation board, was used to char-
acterize the ADPA1113. It can be possible to reduce the number
of power supply decoupling capacitors shown, but this reduction
varies by system. When reducing capacitors, the recommendation
is to first remove or combine the largest capacitors that are farthest
from the device.
Soldering and Assembly Considerations
The ADPA1113 is a nonhermetic air cavity device. The body of the
package normally sits within a cutout in the PCB that allows direct
access to a heatsink beneath the PCB. To facilitate good thermal
and electrical conduction to the heatsink, a shim of electrically
and thermally conductive material such as Heat-Spring indium from
Indium Corporation can be used. (Alternatively, electrically and
thermally conductive paste or grease can be used). The shim is
placed between the heatsink and the bottom of the package flange.
Then, the package can be attached to the heatsink using 0-80
thread size, 3/16 inches long stainless steel socket head screws
(typically). Once attached with the screw hardware, the pins are
flush with the PCB which allows the leads to be soldered to the
PCB pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com