Electronic Components Datasheet Search
  English  ▼

X  

E3635 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # E3635
Description  The OSIRE E3635 is especially designed for automotive applications and RGB displays.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E3635 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button E3635 Datasheet HTML 8Page - OSRAM GmbH E3635 Datasheet HTML 9Page - OSRAM GmbH E3635 Datasheet HTML 10Page - OSRAM GmbH E3635 Datasheet HTML 11Page - OSRAM GmbH E3635 Datasheet HTML 12Page - OSRAM GmbH E3635 Datasheet HTML 13Page - OSRAM GmbH E3635 Datasheet HTML 14Page - OSRAM GmbH E3635 Datasheet HTML 15Page - OSRAM GmbH E3635 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LRTB GVSR
DATASHEET
DATASHEET
12 | Version 1.4 | 2023-09-11
Relative Spectral Emission 6)
I
rel = f (λ); IF = 20 mA; TS = 25 °C
350
400
450
500
550
600
650
700
750
800
λ /
0.0
0.2
0.4
0.6
0.8
1.0
I
:Vλ
:red
:truegreen
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com