Electronic Components Datasheet Search
  English  ▼

X  

E3635 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # E3635
Description  The OSIRE E3635 is especially designed for automotive applications and RGB displays.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

E3635 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button E3635 Datasheet HTML 10Page - OSRAM GmbH E3635 Datasheet HTML 11Page - OSRAM GmbH E3635 Datasheet HTML 12Page - OSRAM GmbH E3635 Datasheet HTML 13Page - OSRAM GmbH E3635 Datasheet HTML 14Page - OSRAM GmbH E3635 Datasheet HTML 15Page - OSRAM GmbH E3635 Datasheet HTML 16Page - OSRAM GmbH E3635 Datasheet HTML 17Page - OSRAM GmbH E3635 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LRTB GVSR
DATASHEET
DATASHEET
14 | Version 1.4 | 2023-09-11
Forward current 6)
I
F = f(VF); TS = 25 °C
LRTB GVSR
1.71.8
2.02.2
2.4
VF /V
1
10
20
30
40
50
IF /mA
:red
Forward current 6)
I
F = f(VF); TS = 25 °C
LRTB GVSR
2,23,5
2,42,6
2,83,0
3,23,4
VF [V]
0
10
20
30
40
50
IF [mA]
:truegreen
Forward current 6)
I
F = f(VF); TS = 25 °C
LRTB GVSR
2,52,6
2,83,0
3,23,4
3,6
VF [V]
0
10
20
30
40
50
IF [mA]
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com