Electronic Components Datasheet Search
  English  ▼

X  

SFH7018B Datasheet(PDF) 22 Page - OSRAM GmbH

Part # SFH7018B
Description  The SFH 7018A & SFH 7018B feature a highly reflective QFN package for significantly increased light output.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7018B Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button SFH7018B Datasheet HTML 15Page - OSRAM GmbH SFH7018B Datasheet HTML 16Page - OSRAM GmbH SFH7018B Datasheet HTML 17Page - OSRAM GmbH SFH7018B Datasheet HTML 18Page - OSRAM GmbH SFH7018B Datasheet HTML 19Page - OSRAM GmbH SFH7018B Datasheet HTML 20Page - OSRAM GmbH SFH7018B Datasheet HTML 21Page - OSRAM GmbH SFH7018B Datasheet HTML 22Page - OSRAM GmbH SFH7018B Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
SFH 7018B
DATASHEET
DATASHEET
22 | Version 1.0 | 2023-11-09
Glossary
1)
Radiant intensity: Measured at a solid angle of Ω = 0.01 sr
2)
Brightness: The brightness values are measured with a tolerance of ±11%.
3)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
4)
Wavelength: The wavelengths are measured with a tolerance of ±1 nm.
5)
Forward Voltage: The forward voltages are measured with a tolerance of ±0.1 V.
6)
Total radiant flux: Measured with integrating sphere.
7)
Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g.
metal block)
8)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
9)
Testing temperature: TA = 25°C (unless otherwise specified)
10)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
11)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com