Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4630
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4630 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4630 Datasheet HTML 17Page - Analog Devices LTM4630 Datasheet HTML 18Page - Analog Devices LTM4630 Datasheet HTML 19Page - Analog Devices LTM4630 Datasheet HTML 20Page - Analog Devices LTM4630 Datasheet HTML 21Page - Analog Devices LTM4630 Datasheet HTML 22Page - Analog Devices LTM4630 Datasheet HTML 23Page - Analog Devices LTM4630 Datasheet HTML 24Page - Analog Devices LTM4630 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTM4650-2
21
Rev. 0
For more information www.analog.com
Figure 11. Graphical Representation of JESD51-12 Thermal Coefficients
46502 F11
µModule DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
2. θJCbottom, the thermal resistance from the junction to
the bottom of the product case, is the junction-to-board
thermal resistance with all of the component power
dissipation flowing through the bottom of the package.
In the typical µModule, the bulk of the heat flows out
the bottom of the package, but there is always heat
flow out into the ambient environment. As a result, this
thermal resistance value may be useful for comparing
packages, but the test conditions don’t generally match
the user’s application.
3. θJCtop, the thermal resistance from the junction to the
top of the product case, is determined with nearly all
of the component power dissipation flowing through
the top of the package. As the electrical connections of
the typical µModule are on the bottom of the package,
it is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCbottom, this value may be useful
for comparing packages, but the test conditions don’t
generally match the user’s application.
4. θJB, the thermal resistance from the junction to the
printed circuit board, is the junction-to-board thermal
resistance where almost all of the heat flows through
the bottom of the µModule and into the board, and is
really the sum of the θJCbottom and the thermal resis-
tance of the bottom of the part through the solder
joints and through a portion of the board. The board
APPLICATIONS INFORMATION
temperature is measured at a specified distance from
the package using a two-sided, two-layered board. This
board is described in JESD 51-9.
A graphical representation of the aforementioned thermal
resistances is shown in Figure 11; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a µModule. For example, in nor-
mal board-mounted applications, never does 100% of the
device’s total power loss (heat) thermally conducts exclu-
sively through the top or exclusively through the bottom
of the µModule—as the standard defines for θJCtop and
θJCbottom, respectively. In practice, power loss is ther-
mally dissipated in both directions away from the pack-
age—granted, in the absence of a heat sink and airflow,
a majority of the heat flow is into the board.
Within a SIP (system-in-package) module, be aware that
there are multiple power devices and components dis-
sipating power, with the consequence that the thermal
resistances relative to different junctions of components
or die are not exactly linear with respect to total pack-
age power loss. To reconcile this complication without
sacrificing modeling simplicity—but also, not ignoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com