Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4630
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4630 Datasheet(HTML) 3 Page - Analog Devices

  LTM4630 Datasheet HTML 1Page - Analog Devices LTM4630 Datasheet HTML 2Page - Analog Devices LTM4630 Datasheet HTML 3Page - Analog Devices LTM4630 Datasheet HTML 4Page - Analog Devices LTM4630 Datasheet HTML 5Page - Analog Devices LTM4630 Datasheet HTML 6Page - Analog Devices LTM4630 Datasheet HTML 7Page - Analog Devices LTM4630 Datasheet HTML 8Page - Analog Devices LTM4630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTM4650-2
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating junction temperature range. Specified as each individual output channel. TA = 25°C (Note 2), VIN = 12V and VRUN1, VRUN2 at
5V unless otherwise noted. Per the typical application in Figure 24.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 22µF ×3, CSS = 0.01µF,
COUT = 100µF ×3, VOUT = 1.2V
1
A
IQ(VIN)
Input Supply Bias Current
(Both Channel Running)
VIN = 12V, VOUT = 1.2V, Burst Mode Operation
VIN = 12V, VOUT = 1.2V, Pulse-Skipping Mode
VIN = 12V, VOUT = 1.2V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
4.5
25
240
35
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 4.5V, VOUT = 1.2V, IOUT = 25A
VIN = 12V, VOUT = 1.2V, IOUT = 25A
8.4
3.2
A
A
Output Specifications
IOUT1(DC), IOUT2(DC) Output Continuous Current Range
VIN = 12V, VOUT = 1.2V (Note 6)
0
25
A
ΔVOUT1(LINE)/VOUT1
ΔVOUT2(LINE)/VOUT2
Line Regulation Accuracy
VOUT = 1.2V, VIN from 4.5V to 15V,
IOUT = 0A for Each Output
l
0.01
0.1
%/V
ΔVOUT1/VOUT1
ΔVOUT2/VOUT2
Load Regulation Accuracy
For Each Output, VOUT = 1.2V, 0A to 25A,
VIN = 12V (Note 6)
l
0.2
0.75
%
VOUT1(AC), VOUT2(AC) Output Ripple Voltage
For Each Output, IOUT = 0A, COUT = 100µF ×3
Ceramic, 470µF POSCAP, VIN = 12V,
VOUT = 1.2V, Frequency = 500kHz
15
mVP-P
fS (Each Channel)
Output Ripple Voltage Frequency
VIN = 12V, VOUT = 1.2V, fSET = 1.25V (Note 4)
500
kHz
fSYNC
(Each Channel)
SYNC Capture Range
400
750
kHz
ΔVOUTSTART
(Each Channel)
(Note 7)
Turn-On Overshoot
COUT = 100µF Ceramic, 470µF POSCAP,
VOUT = 1.2V, IOUT = 0A VIN = 12V
10
mV
tSTART
(Each Channel)
Turn-On Time
COUT = 100µF Ceramic, 470µF POSCAP,
No Load, TRACK/SS with 0.01µF to GND,
VIN = 12V
5
ms
ΔVOUT(LS)
(Each Channel)
(Note 7)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 22µF ×3 Ceramic, 470µF POSCAP,
VIN = 12V, VOUT = 1.2V
30
mV
tSETTLE
(Each Channel)
(Note 7)
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load,
VIN = 12V, COUT = 100µF, 470µF POSCAP
20
µs
IOUT(PK)
(Each Channel)
Output Current Limit
VIN = 12V, VOUT = 1.2V
35
A
Control Section
VFB1, VFB2
Voltage at VFB Pins
IOUT = 0A, VOUT = 1.2V
l
0.594
0.600
0.606
V
IFB
(Note 5)
–5
–20
nA
VOVL
Feedback Overvoltage Lockout
l
0.64
0.66
0.68
V
TRACK1 (I),
TRACK2 (I)
Track Pin Soft-Start Pull-Up Current TRACK1 (I), TRACK2 (I) Start at 0V
1
1.3
1.5
µA
UVLO
Undervoltage Lockout (Falling)
3.3
V
UVLO Hysteresis
0.6
V
tON(MIN)
Minimum On-Time
(Note 5)
90
ns
RFBHI1, RFBHI2
Resistor Between VOUTS1, VOUTS2
and VFB1, VFB2 Pins for Each Output
60.05
60.4
60.75
kΩ
VPGOOD1, VPGOOD2
Low
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com