Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4700
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTM4650-2
8
Rev. 0
For more information www.analog.com
SIMPLIFIED BLOCK DIAGRAM
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN1, CIN2
External Input Capacitor Requirement
(VIN1 = 4.5V to 15V, VOUT1 = 1.5V)
(VIN2 = 4.5V to 15V, VOUT2 = 1.0V)
IOUT1 = 25A
IOUT2 = 25A
44
44
66
66
µF
µF
COUT1
COUT2
External Output Capacitor Requirement
(VIN1 = 4.5V to 15V, VOUT1 = 1.5V)
(VIN2 = 4.5V to 15V, VOUT2 = 1.0V)
IOUT1 = 25A
IOUT2 = 25A
600
600
800
800
µF
µF
TA = 25°C. Use Figure 1 configuration.
Figure 1. Simplified LTM4650-2 Block Diagram
46502 F01
TEMP
CLKOUT
RUN1
MODE_PLLIN
PHASMD
TRACK1
= 100µA
OR TEMP
MONITORS
4.7µF
SS CAP
1 F
CIN1
22µF
25V
×2
VIN
VIN
RFB2
60.4k
MTOP1
MBOT1
POWER
CONTROL
0.22µF
0.12µH
60.4k
COUT1
RFB1
40.2k
+
VOUT1
1.5V,
25A
VOUT2
1.2V,
25A
VFB1
GND
GND
VIN
4.5V TO 15V
GND
GND
SW2
SW1
PGOOD2
PGOOD1
INTERNAL
FILTER
1 F
CIN2
22µF
25V
×2
MTOP2
MBOT2
0.22µF
0.12µH
COUT2
+
+ –
60.4k
VOUT1
VOUT2
VFB2
VOUTS2
VOUTS1
RFSET
RTH2
CTH2
VIN
RT
VIN
RT
SS CAP
DIFFOUT
DIFFN
DIFFP
COMP1
SGND
TRACK2
INTVCC
EXTVCC
RUN2
COMP2
fSET
SGND
RTH1
CTH1
0.22 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com