Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4700
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 20Page - Analog Devices LTM4700 Datasheet HTML 21Page - Analog Devices LTM4700 Datasheet HTML 22Page - Analog Devices LTM4700 Datasheet HTML 23Page - Analog Devices LTM4700 Datasheet HTML 24Page - Analog Devices LTM4700 Datasheet HTML 25Page - Analog Devices LTM4700 Datasheet HTML 26Page - Analog Devices LTM4700 Datasheet HTML 27Page - Analog Devices LTM4700 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTM4650-2
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 18. 12V to 0.9V Derating
Curve, BGA Heat Sink
AMBIENT TEMPERATURE (°C)
25
20
30
40
105
46502 F18
10
0
45
65
85
35
115
55
75
95
60
50
0LFM
200LFM
400LFM
Figure 19. 5V to 1.5V Derating
Curve, No Heat Sink
AMBIENT TEMPERATURE (°C)
25
20
30
40
105
46502 F19
10
0
45
65
85
35
115
55
75
95
60
50
0LFM
200LFM
400LFM
Figure 20. 12V to 1.5V
Derating Curve, No Heat Sink
AMBIENT TEMPERATURE (°C)
25
20
30
40
105
46502 F20
10
0
45
65
85
35
115
55
75
95
60
50
0LFM
200LFM
400LFM
Figure 21. 5V to 1.5V Derating
Curve, BGA Heat Sink
Figure 22. 12V to 1.5V
Derating Curve, BGA Heat Sink
AMBIENT TEMPERATURE (°C)
25
20
30
40
105
46502 F21
10
0
45
65
85
35
115
55
75
95
60
50
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
25
20
30
40
105
46502 F22
10
0
45
65
85
35
115
55
75
95
60
50
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com