Electronic Components Datasheet Search
  English  ▼

X  

B57227 Datasheet(PDF) 4 Page - EPCOS

Part # B57227
Description  Probe assemblies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57227 Datasheet(HTML) 4 Page - EPCOS

  B57227 Datasheet HTML 1Page - EPCOS B57227 Datasheet HTML 2Page - EPCOS B57227 Datasheet HTML 3Page - EPCOS B57227 Datasheet HTML 4Page - EPCOS B57227 Datasheet HTML 5Page - EPCOS B57227 Datasheet HTML 6Page - EPCOS B57227 Datasheet HTML 7Page - EPCOS B57227 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
R/T characteristics
B57227K0333A001
R/T No.
2904
T (
°C)
B25/100 = 4300 K, R25 = 32762
Ω, T
R = 100
°C, ∆R
R/RR =
± 2%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
3979200
3090600
4867900
22.3
3.1
7.3
50.0
2766400
2166900
3365800
21.7
3.0
7.1
45.0
1940900
1532600
2349200
21.0
3.0
7.0
40.0
1374000
1093300
1654700
20.4
3.0
6.9
35.0
981140
786400
1175900
19.8
3.0
6.7
30.0
706590
570280
842900
19.3
3.0
6.5
25.0
512420
416300
608530
18.8
3.0
6.3
20.0
375640
307110
444170
18.2
3.0
6.2
15.0
276870
227730
326020
17.8
3.0
6.0
10.0
206160
170550
241780
17.3
3.0
5.8
5.0
154230
128290
180170
16.8
3.0
5.6
0.0
116510
97429
135590
16.4
3.0
5.5
5.0
88846
74672
103020
16.0
3.0
5.3
10.0
68340
57718
78963
15.5
3.0
5.2
15.0
53089
45046
61131
15.1
3.0
5.0
20.0
41554
35417
47690
14.8
3.0
4.9
25.0
32762
28045
37479
14.4
3.0
4.7
30.0
26020
22366
29673
14.0
3.1
4.6
35.0
20728
17889
23567
13.7
3.1
4.5
40.0
16623
14402
18845
13.4
3.1
4.3
45.0
13441
11689
15194
13.0
3.1
4.2
50.0
10930
9539
12321
12.7
3.1
4.1
55.0
8925
7817
10034
12.4
3.1
4.0
60.0
7329
6440
8217
12.1
3.1
3.9
65.0
6048
5332
6764
11.8
3.1
3.8
70.0
5014
4434
5594
11.6
3.1
3.7
75.0
4179
3707
4651
11.3
3.1
3.6
80.0
3498
3112
3884
11.0
3.2
3.5
85.0
2946
2629
3264
10.8
3.2
3.4
90.0
2492
2230
2754
10.5
3.2
3.3
95.0
2114
1897
2331
10.3
3.2
3.2
100.0
1800
1620
1980
10.0
3.2
3.2
105.0
1540
1382
1698
10.3
3.3
3.1
110.0
1322
1183
1461
10.5
3.5
3.0
115.0
1138
1016
1260
10.7
3.6
3.0
120.0
983.1
875.6
1091
10.9
3.8
2.9
125.0
852.0
757.1
946.9
11.1
3.9
2.8
130.0
740.7
656.7
824.7
11.3
4.1
2.8
135.0
646.1
571.6
720.6
11.5
4.3
2.7
Temperature measurement
B57227
Probe assemblies
K227
Page 4 of 8
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com