Electronic Components Datasheet Search
  English  ▼

X  

B57227 Datasheet(PDF) 5 Page - EPCOS

Part # B57227
Description  Probe assemblies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57227 Datasheet(HTML) 5 Page - EPCOS

  B57227 Datasheet HTML 1Page - EPCOS B57227 Datasheet HTML 2Page - EPCOS B57227 Datasheet HTML 3Page - EPCOS B57227 Datasheet HTML 4Page - EPCOS B57227 Datasheet HTML 5Page - EPCOS B57227 Datasheet HTML 6Page - EPCOS B57227 Datasheet HTML 7Page - EPCOS B57227 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B57227K0333A001
R/T No.
2904
T (
°C)
B25/100 = 4300 K, R25 = 32762
Ω, T
R = 100
°C, ∆R
R/RR =
± 2%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
140.0
565.2
498.9
631.4
11.7
4.4
2.6
145.0
496.0
436.9
555.0
11.9
4.6
2.6
150.0
436.4
383.7
489.2
12.1
4.8
2.5
155.0
385.1
337.8
432.3
12.3
4.9
2.5
Temperature measurement
B57227
Probe assemblies
K227
Page 5 of 8
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com