Electronic Components Datasheet Search
  English  ▼

X  

ME3116 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ME3116
Description  DC/DC step-down regulator ME3116 with maximum input 40V and load capacity up to 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ME3116 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ME3116 Datasheet HTML 1Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 2Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 3Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 4Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 5Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 6Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 7Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 8Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ME3116
V04
www.microne.com.cn
Page 2 of 12
选购指南
1. 产品型号说明
产品脚位图
脚位功能说明
PIN 脚位
符号
功能说明
1
BS
内置MOSFET的栅极驱动升压端,BS和SW之间连接C
BOOT电容。
2
GND
地线
3
FB
反馈引脚:通过分压器设置输出电压,V
OUT= VFB (1+(R1/R2))。
反馈电阻通常在
100Ω至10KΩ之间选择。
4
EN
芯片使能端,逻辑开关。 该脚位接GND,芯片关断;接高电位,芯片开启。如果不使
用该功能可以将该脚位和VIN之间接
1 MΩ电阻。
5
IN
电源输入端:输入电压范围4.75V-40V。
6
SW
功率管输出端:连接电感、二极管和C
BOOT 电容。
BS
GND
FB
EN
IN
SW
ME 3116X
G
X
X
环保标识
封装形式:
M6—SOT23-6
版本或功能:A
产品品种
产品类别
公司标识



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com