Electronic Components Datasheet Search
  English  ▼

X  

ME3116 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ME3116
Description  DC/DC step-down regulator ME3116 with maximum input 40V and load capacity up to 1A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ME3116 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ME3116 Datasheet HTML 4Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 5Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 6Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 7Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 8Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 9Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 10Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 11Page - List of Unclassifed Manufacturers ME3116 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ME3116
V04
www.microne.com.cn
Page 12 of 12
本资料内容,随产品的改进,可能会有未经预告之更改。
本资料所记载设计图等因第三者的工业所有权而引发之诸问题,本公司不承担其责任。另外,
应用电路示例为产品之代表性应用说明,非保证批量生产之设计。
本资料内容未经本公司许可,严禁以其他目的加以转载或复制等。
本资料所记载之产品,未经本公司书面许可,不得作为健康器械、医疗器械、防灾器械、瓦
斯关联器械、车辆器械、航空器械及车载器械等对人体产生影响的器械或装置部件使用。
尽管本公司一向致力于提高质量与可靠性,但是半导体产品有可能按照某种概率发生故障或
错误工作。为防止因故障或错误动作而产生人身事故、火灾事故、社会性损害等,请充分留
心冗余设计、火势蔓延对策设计、防止错误动作设计等安全设计。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com