Electronic Components Datasheet Search
  English  ▼

X  

MMA7455 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MMA7455
Description  MMA7455 3-Axis Accelerometer Module (#28526)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMA7455 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MMA7455 Datasheet HTML 1Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 2Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 3Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 4Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 5Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Copyright © Parallax Inc.
MMA7455 3-Axis Accelerometer Module (#28526)
v1.1 9/24/2009 Page 2 of 6
Package and Pin Descriptions
Absolute Maximum Ratings
NOTE: These are conditions beyond which permanent device damage may occur; it is not implied that
the device will function properly throughout this range. For operational ranges, see the Operating
Conditions section below.
Parameter
Min
Typ
Max
Unit
VIN (Measured from GND)
0
--
6.5
V
Storage temperature
-40
--
+125
°C
DATA Pin
Input Voltage
-0.5
--
VIN + 0.5
V
Pin Current
-50
--
+50
mA
Maximum Acceleration (all axes)
--
--
5000
g
Pin #
Pin Name
Description
Pin Type
1
VIN
Input supply voltage
Power
2
n/c
Not connected – reserved for future use
n/a
3
INT1
Interrupt 1/Data Ready
Output
4
INT2
Interrupt 2
Output
5
GND
Ground
Power
6
CS
Chip select - SPI Enable (0), I
2C Enable (1)
Input
7
DATA
I
2C Serial Data (SDA), SPI Serial Data (SDI/SDO)
Input/Output
8
CLK
I
2C Serial Clock (SCL), SPI Serial Clock (SPC)
Input
+X
+Y
+Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com