Electronic Components Datasheet Search
  English  ▼

X  

MMA7455 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MMA7455
Description  MMA7455 3-Axis Accelerometer Module (#28526)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMA7455 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MMA7455 Datasheet HTML 1Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 2Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 3Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 4Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 5Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMA7455 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Copyright © Parallax Inc.
MMA7455 3-Axis Accelerometer Module (#28526)
v1.1 9/24/2009 Page 4 of 6
down through the Schottky diode to about 0.35 V. This is plenty low enough to be read as a logic low
(0) by the MMA7455L accelerometer device. When the CLK or CS pin is driven high or left floating, it
gets pulled up to the local VCC by the 2.2kΩ resistor. Meanwhile, the diode prevents the possibility of
higher external voltages damaging the input pin on the MMA7455L.
Measured Acceleration Output Values
The MMA7455L converts a detected acceleration into a number which can easily be read by an external
microcontroller. The number it generates depends on the sensitivity of the device which can be ±2g,
±4g, or ±8g.
One g represents the acceleration due to the earth’s gravity: 1g ≈ 9.8m/s2 or
1g ≈ 32.2ft/s2. Of course this value varies depending on the object’s latitude and distance from sea
level. From a sensory standpoint, there is no detectable difference between forces observed under the
influence of acceleration and forces observed under the influence of gravity. Using units of g’s is simply a
convenient way of relating the magnitude of a measured acceleration to the familiar force of gravity.
The full measurement range is divided up into a number of counts which is determined by the number of
bits specified for the data; 8-bit data has 256 counts, and 10-bit data has 1,024 counts. The value of one
count, or least significant bit (LSB) of data, can be determined as follows:
counts
of
Number
range
-
g
Full
LSB
One
=
So for a sensitivity range of ±2g (full range = 4g) in 8-bit mode (256 counts), the value of one LSB would
be approximately:
count
g
0.016
counts
256
4g
LSB
One
≈
=
A few key numerical output values over each acceleration range for 8-bit data are shown below for
reference.
Sensitivity range
Acceleration
Output Value (hex/decimal)
-2g
$81
-127
-1g
$C1
-63
0g
$00
0
+1g
$3F
63
±2g
+2g
$7F
127
-4g
$81
-127
-1g
$E1
-31
0g
$00
0
+1g
$1F
31
±4g
+4g
$7F
127
-8g
$81
-127
-1g
$F1
-15
0g
$00
0
+1g
$0F
15
±8g
+8g
$7F
127



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com