Electronic Components Datasheet Search
  English  ▼

X  

PCE-PH30 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PH30
Description  pH Meter PCE-PH 30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PH30 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PH30 Datasheet HTML 1Page - PCE Instruments. PCE-PH30 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring function         pH
Measuring range
-2 ... 16 pH
Resolution
0.01 pH
Accuracy
± 0,01pH + 1Dgt
ATC
0 ... 90°C / 32 ... 194°F
Calibration
pH 4, 7, 10
 
 
Measuring function
Redox
Measuring range
± 1000 mV
Resolution
1 mV
Accuracy
± 2 mV + 1 Dgt
 
 
Measuring function
Conductivity
Measuring range
0 ... 2000 μS, 2 ... 20 mS
Resolution
1 μS, 0.01 mS
Accuracy
± 2% of measuring range
ATC
0 ... 50°C / 32 ... 122°F
Calibration
0 μS, 1413 μS, 12.88 mS
 
 
Measuring function
TDS
Measuring range
0 ... 1300 ppm, 1.3 ... 13 ppt
Resolution
1 ppm, 0.01 ppt
Accuracy
± 2% of measuring range
ATC
0 ... 50°C / 32 ... 122°F
 
 
Measuring function
Salinity
Measuring range
0 ... 1000 ppm, 1 ... 12 ppt
Resolution
1 ppm, 0.01 ppt
Accuracy
± 2% of measuring range
ATC
0 ... 50°C / 32 ... 122°F
 
 
Measuring function
Temperature
Measuring range
0 ... 90°C / 32 ... 194°F
Resolution
0.1°C / 0.18°F
Accuracy
± 0.2°C / 0.36°F + 1 Dgt
 
 
Display
LCD display
Power supply    
4 x 1.5V AAA battery
Dimensions
195 x 40 x 36 mm / 7.7 x 1.6 x 1.4 in
Weight
About 135 g / < 1 lb
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com