Electronic Components Datasheet Search
  English  ▼

X  

PCE-PH30 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PH30
Description  pH Meter PCE-PH 30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PH30 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PH30 Datasheet HTML 1Page - PCE Instruments. PCE-PH30 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
pH Meter PCE-PH 30
pH meter PCE-PH 30
pH, conductivity, redox tester with interchangeable sensors /  Easy-to-read LC display / Pen pH meter / Automatic temperature
compensation
The pH tester PCE-PH 30 is the optimal tool for checking the most important water parameters. The portable pH tester is used to control pH
and conductivity. It also serves for simultaneous temperature measurement. Furthermore, the pH tester can be used to measure the redox
potential. 
A three-point calibration and automatic temperature compensation up to 90°C  / 194°F guarantee high accuracy even with fluctuating
measuring temperatures. The pH tester has a readable display. The test device is supplied with pH and temperature probe, calibration and
storage fluid. The redox probe is available separately as an accessory.
6 in 1 pH tester
IP57 housing
Automatic temperature compensation
Battery operation
3 point pH calibration
Exchangeable electrodes
Max-Min Hold function
Automatic electrode detection


Similar Part No. - PCE-PH30

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PHD-1-KIT1 PCE-PCE-PHD-1-KIT1 Datasheet
319Kb / 3P
Multifunction Conductivity Meter PCE-PHD-1-KIT1
PCE-PHD-1ICA PCE-PCE-PHD-1ICA Datasheet
1Mb / 3P
Multifunction Conductivity Meter PCE-PHD 1-ICA incl.ISO Calibration Certificate
PCE-PHD-1KIT1 PCE-PCE-PHD-1KIT1 Datasheet
319Kb / 3P
Multifunction Conductivity Meter PCE-PHD-1-KIT1
PCE-PHD1 PCE-PCE-PHD1 Datasheet
54Kb / 3P
Technical Data Logger PCE-PHD 1
PCE-PHD1-ICA PCE-PCE-PHD1-ICA Datasheet
1Mb / 3P
Multifunction Conductivity Meter PCE-PHD 1-ICA incl.ISO Calibration Certificate
More results

Similar Description - PCE-PH30

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
PH50 EXTECH-PH50 Datasheet
113Kb / 1P
pH Waterproof Meter
PH220A EXTECH-PH220A Datasheet
116Kb / 9P
Waterproof Palm pH Meter
OYSTER-10 EXTECH-OYSTER-10 Datasheet
176Kb / 1P
Oyster??Series pH/mV/Temperature Meter
PH100 EXTECH-PH100_15 Datasheet
185Kb / 1P
Waterproof ExStik짰 pH Meter
PH110 EXTECH-PH110 Datasheet
200Kb / 1P
ExStik짰 Waterproof Refillable pH Meter
PH220-C EXTECH-PH220-C_15 Datasheet
242Kb / 1P
Waterproof Palm pH??Meter
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com