Electronic Components Datasheet Search
  English  ▼

X  

PCE-PIC60 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PIC60
Description  Videoscope PCE-PIC 60
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PIC60 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PIC60 Datasheet HTML 1Page - PCE Instruments. PCE-PIC60 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Camera head diameter 
 
60 mm / 2.4 in
Head rotation
Horizontal: 360°
 
Vertical: 180°
Cable length
60 m / 196.9 ft
Sight depth
20 ... 100 cm
Perspective
105°
Pipe diameter from / to 
         
80 ... 1200 mm / 3.1 ... 47.2 in
 
Lighting
4 x LED (dimmable)
White balance
Automatically
Image sensor
1 / 2.9" Sony CCD
 
1920 x 1080 pixels
Display
10.1" LC display
 
1280 x 800 pixels
Interface
USB 2.0
 
HDMI
Memory option
Video (AVI), Photo (JPEG) and Sound
Image memory
SD card up to 256 GB
Video output format
PAL 1080P, 720P, CVBS
 
NTCS 1080P, 720P, CVBS
Menu navigation
Multilingual
Length measurement
0 ... 60 m / 0 ...196.9 ft
Data entry
Possible by keyboard
Operating conditions
-10 ... 50°C / 14 ... 122°F, 30 ... 90% rh
Storage conditions
-20 ... 60°C / -4 ... 140°F, 30 ... 90% rh
Power supply
Power supply 110V ... 240V AC / 13.5V / 5 A DC
 
Li Ion battery 12V / 6000-mAh
Protection class
Camera head: IP68
Dimensions
Complete: 87.5 x 97.8 x 40.6 cm
 
Camera head: 60 x 146 mm / 2.4 x 5.7 in (total length:
360 mm / 14.2 in)
Weight
About 20 kg / 44.1 lbs
 
 
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com