Electronic Components Datasheet Search
  English  ▼

X  

PCE-PIC60 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PIC60
Description  Videoscope PCE-PIC 60
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PIC60 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PIC60 Datasheet HTML 1Page - PCE Instruments. PCE-PIC60 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Videoscope PCE-PIC 60
Videoscope PCE-PIC 60
Pipe camera with 60 m (196.9 ft) / IP68 camera head with PAN / TILT / Motor focus /Meter counting / Keyboard input possible
/ USB and HDMI / SD memory
The pipe camera PCE-PIC 60/120 is used to inspect channels and pipes. Depending on the model, the pipe camera has a 60 m / 196.9 ft or 120
m / 393.7 ft fiber optic push cable. At the end of the pipe camera, a motorized camera head is mounted. This camera head is able to be moved
360° horizontally and 180° vertically. Furthermore, the camera has a motorized focus, which makes it possible to realize field of view depths
between 20 and 100 cm. At the head of the pipe  camera are 4 ultra-bright LEDs, which perfectly illuminate tubes and channels. The
pipe camera has an electronic meter counter, which makes it easier to pinpoint damaged areas or blockages in pipes.
For documentation, images and videos can be recorded and saved with the pipe channel camera. For a better view of the image, the
pipe camera can be connected via HDMI cable to an external monitor. The pipe camera takes pictures in 1080P, so no detail is lost. To add
commentary to the scan, the USB keyboard can be used. The pipe camera is supplied on a robust, made of aluminum, trolley. Additionally
included is a trolley and a roller guide for the camera, which are used to mount the camera head. As a result, pipes and ducts between 80 and
1200 mm / 3.1 ... 47.2 in can be driven.
60 m / 196.9 ft channel camera
With cable cars
Large display
Text input in the picture and video possible
Motorized camera
Engine focus
Locator function
ø9.5 mm fiber optic cable


Similar Part No. - PCE-PIC60

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PIC120 PCE-PCE-PIC120 Datasheet
486Kb / 2P
Videoscope PCE-PIC 120
PCE-PIC20 PCE-PCE-PIC20 Datasheet
298Kb / 2P
Industrial Borescope PCE-PIC 20
PCE-PIC40 PCE-PCE-PIC40 Datasheet
519Kb / 2P
Industrial Borescope PCE-PIC 40
More results

Similar Description - PCE-PIC60

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
Programmable Interrupt Controller (PIC)
March 1997
logo
List of Unclassifed Man...
VT82C586A ETC-VT82C586A Datasheet
215Kb / 43P
PIC Integrated Peripheral Controller
logo
rfsolutions.ltd
MEL-EPICA RFSOLUTIONS-MEL-EPICA Datasheet
69Kb / 1P
Low Cost PIC Programmer
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
HDV-4CAM-1FM EXTECH-HDV-4CAM-1FM Datasheet
697Kb / 1P
VideoScope Camera probes & accessories
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
PIC-BLE Development Board
12-17-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com