Electronic Components Datasheet Search
  English  ▼

X  

PCE-BS6000 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-BS6000
Description  Benchtop Scale PCE-BS 6000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-BS6000 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-BS6000 Datasheet HTML 1Page - PCE Instruments. PCE-BS6000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Weighing capacity
3 ... 6000 g / 0.007 ... 13 lbs
Weighing units
kg, g, lb, oz
Readability
1 g
Repeatability
1 g
Accuracy
± 3 g
Display
LCD, 15 mm / 0.6" character height
TARE
Up to half of weighing range
Power supply
9 V / 100 mA electric power adapter (included) or six 1.5
V AA batteries
Operating temperature 0 ... +40 °C / +32 ... +104 °F
Weighing platform
dimensions
160 x 135 mm / 6.3 x 5.32"
Overall dimensions
165 x 245 x 70 mm / 6.5 x 9.65 x 2.76"
Overall weight
Approx. 900 g / 2 lbs
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com