Electronic Components Datasheet Search
  English  ▼

X  

PCE-BS6000 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-BS6000
Description  Benchtop Scale PCE-BS 6000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-BS6000 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-BS6000 Datasheet HTML 1Page - PCE Instruments. PCE-BS6000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benchtop Scale PCE-BS 6000
Benchtop Scale PCE-BS 6000 with CE-Approval
Affordable price, accurate, calibrated laboratory balance with different weighing ranges (0 ... 300 g, 0 ... 3000 g, 0 ... 6000 g ),
measuring units (g, kg, oz, lb, ozt, ct, gn) and counting function
The benchtop scale PCE-BS is a light, rugged precision scale suitable for different purposes. The removable stainless steel pan allows the
laboratory balance to be cleaned easily. The CE-BS 300 and 3000 laboratory balance can be used for weighing as well as for piece counting.
The calibration of this laboratory balance is done by means of external calibration weights (automatic calibration procedure) or in accredited
laboratory (ISO calibration).
 
The laboratory balance is equipped with four adjustable feet. If the balance is used in a laboratory, it can be powered by the external mains
adapter (included). In case the balance is used as a mobile weighing instrument, it can be powered by AA batteries. This compact scale can be
used to weigh the different components of a chemical mixture. The weight of all the components can be calculated when they are removed
from the scale as a way of control. Taring (taring can be carried out several times) is made by pressing "ZERO" key on the display. 
Adjustment program: to adjust accuracy bem means of the optional control weights
Piece counting function with reference to choose 10, 20, 50 or 100 pieces, change of piece indicator
  to weight/(only for PCE BS 300 and PCE BS 3000 models)
Taring function in the middle of the range (it can be used several times)
Automatic display lighting (if the compact scale is firm, a stability indicator appears on display 
  and the light is intensified.
Optional ISO Certificate for compact scale (i.e. to meet DIN ISO 9000 standard)
Different measuring units can be selected via the keypad (g, oz, lb, ozt, ct, gn, for PCE-BS 3000 and
  PCE-BS 6000 series/g, kg, lb, oz for PCE-BS 300 series)
Dust and water splash protection IP 54.
Mains 230 V adapter included in the shipping.
Possibility of being battery powered.
Battery indicator
Removable stainless steel weighing pan (on a plastic support)


Similar Part No. - PCE-BS6000

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-BS6000-ICA PCE-PCE-BS6000-ICA Datasheet
225Kb / 2P
Tabletop Scale PCE-BS 6000-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-BS6000

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BS-44 DBLECTRO-BS-44 Datasheet
72Kb / 1P
BS-44
BS-85 DBLECTRO-BS-85 Datasheet
71Kb / 1P
BS-85
BS-323 DBLECTRO-BS-323 Datasheet
71Kb / 1P
BS-323
logo
JDS Uniphase Corporatio...
BBS1550-2FP00 JDSU-BBS1550-2FP00 Datasheet
251Kb / 4P
Benchtop Broadband Source
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Bi technologies
BS_ON BITECH-BS_ON Datasheet
446Kb / 9P
BS DIP
BS_OFF BITECH-BS_OFF Datasheet
356Kb / 7P
BS DIP
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
logo
Lapp.
10170600 LAPP-10170600 Datasheet
157Kb / 2P
EPIC® H-BS 12 SS / H-BS 12 BS DR
31.05.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com