Electronic Components Datasheet Search
  English  ▼

X  

S077 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # S077
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S077 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button S077 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG S077 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Type SE35 + S077
13 | 20
Visit product website 
7.
Product operation
7.1. Measuring principle
When liquid flows through the pipe, the rotors turn. This rotation produces a measuring signal in the associated Hall sensor. The rotation
frequency of this signal is proportional to the flow velocity of the fluid. The volume of the fluid being transferred in this way is exactly
determined through the sensor geometry.
A conversion coefficient, specific to each meter size, enables the conversion of this frequency into a flow rate. The standard K factor
depending on the meter size is available in the flowmeter’s operating instructions, see Type S077 . To improve the measurement deviation,
a device-specific K factor is given on the device label.
Flowmeter:
The electronic component converts the measured signal into several outputs (according to the device variant) and displays the actual value.
Totalizers are used to obtain the volume of fluid passed through the pipe.
The electrical connection for the flowmeter with standard output signal is provided via a cable plug according to DIN EN 175301-803 or two
cable glands (according to the flowmeter variant).
Batch controller:
The electronic component converts the measured signal and displays the actual value of the volume or mass. The electrical connection is
provided via two cable glands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com