| Electronic Components Datasheet Search |
|
S077 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
S077 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 20 page ![]() Type SE35 + S077 2 | 20 Visit product website Table of contents 1. General technical data 4 1.1. About the device..............................................................................................................................................................................4 1.2. All variants........................................................................................................................................................................................4 1.3. Flowmeter ........................................................................................................................................................................................6 1.4. Batch controller................................................................................................................................................................................7 2. Product versions 8 2.1. Flowmeter ........................................................................................................................................................................................8 2.2. Batch controller................................................................................................................................................................................8 3. Approvals and conformities 9 3.1. General notes...................................................................................................................................................................................9 3.2. Conformity .......................................................................................................................................................................................9 3.3. Standards.........................................................................................................................................................................................9 3.4. Pressure Equipment Directive (PED)................................................................................................................................................9 Device used on a pipe .....................................................................................................................................................................9 3.5. North America (USA/Canada) ..........................................................................................................................................................9 4. Materials 9 4.1. Bürkert resistApp .............................................................................................................................................................................9 4.2. Material specifications ...................................................................................................................................................................10 5. Dimensions 11 5.1. Transmitter Type SE35 ...................................................................................................................................................................11 With cable plug (DIN EN 175301-803) ...........................................................................................................................................11 With M20 x 1.5 cable glands...........................................................................................................................................................11 5.2. Transmitter Type SE35 mounted in an Inline sensor-fitting Type S077..........................................................................................12 6. Product installation 12 6.1. Installation notes............................................................................................................................................................................12 7. Product operation 13 7.1. Measuring principle........................................................................................................................................................................13 Flowmeter:....................................................................................................................................................................................13 Batch controller:...........................................................................................................................................................................13 7.2. Functional overview .......................................................................................................................................................................14 Display and operating keys............................................................................................................................................................14 Flowmeter with a standard output signal.......................................................................................................................................15 Batch controller..............................................................................................................................................................................16 7.3. Function modes .............................................................................................................................................................................17 Flowmeter with standard output signal..........................................................................................................................................17 Batch controller..............................................................................................................................................................................17 8. Product design and assembly 17 8.1. Product assembly ..........................................................................................................................................................................17 9. Networking and combination with other Bürkert products 18 9.1. Flowmeter with a standard output signal.......................................................................................................................................18 9.2. Batch controller..............................................................................................................................................................................18 10. Ordering information 18 10.1. Bürkert eShop................................................................................................................................................................................18 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |