Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 26Page - Texas Instruments TMP102 Datasheet HTML 27Page - Texas Instruments TMP102 Datasheet HTML 28Page - Texas Instruments TMP102 Datasheet HTML 29Page - Texas Instruments TMP102 Datasheet HTML 30Page - Texas Instruments TMP102 Datasheet HTML 31Page - Texas Instruments TMP102 Datasheet HTML 32Page - Texas Instruments TMP102 Datasheet HTML 33Page - Texas Instruments TMP102 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
9.4 Power Supply Recommendations
The TMP110 operates with power supply in the range of 1.14 V to 5.5 V. The device can measure temperature
accurately in the full supply range. A power-supply bypass capacitor is required for proper operation. Place this
capacitor as close as possible to the supply and ground pins of the device. A typical value for this supply bypass
capacitor is 0.1 μF. Applications with noisy or high-impedance power supplies can require additional decoupling
capacitors to reject power-supply noise.
9.5 Layout
9.5.1 Layout Guidelines
The TMP110 is a simple device to layout. Place the power supply bypass capacitor as close to the device as
possible. Pull up the open-drain output pin SDA through RPULLUP pullup resistor.
For devices where the 5th pin is ADD0, the pin can easily be connected to one of the 4 edge pins for setting
the device address as shown in Figure 9-3. For devices where the 5th pin is ALERT, a 4 mil trace can be routed
between pins 1 and 5 or pins 2 and 4 as shown in Figure 9-4.
9.5.2 Layout Example
There are special considerations that need to be taken for the TMP110 X2SON package. These considerations
are due to the center pad being electrically connected to either address or alert (depending on the orderables
shown in Table 7-8) and because of the dimensions of the package and the pads. With the address option, the
center pad can be directly connected with a trace on the same layer to the desired pin of the device as shown in
Figure 9-3.
5
2
4
1
3
0.1 µF
RPULLUP
RPULLUP
Via to Power Plane
Via to Ground Plane
Figure 9-3. ADD0 Pin Layout Example
5
2
4
1
3
0.1 µF
RPULLUP
RPULLUP
Via to Power Plane
Via to Ground Plane
RPULLUP
Figure 9-4. ALERT Pin Layout Example
TMP110
SNIS233 – FEBRUARY 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com