Electronic Components Datasheet Search
  English  ▼

X  

TMP102 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102
Description  TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP102 Datasheet HTML 3Page - Texas Instruments TMP102 Datasheet HTML 4Page - Texas Instruments TMP102 Datasheet HTML 5Page - Texas Instruments TMP102 Datasheet HTML 6Page - Texas Instruments TMP102 Datasheet HTML 7Page - Texas Instruments TMP102 Datasheet HTML 8Page - Texas Instruments TMP102 Datasheet HTML 9Page - Texas Instruments TMP102 Datasheet HTML 10Page - Texas Instruments TMP102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
6.6 I2C Interface Timing
minimum and maximum specifications are over –40 °C to 125 °C and V+ = 1.14 V to 5.5 V (unless otherwise noted)(1)
FAST MODE
FAST MODE PLUS
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
1
400
1
1000
kHz
t(BUF)
Bus-free time between STOP and START conditions
0.6
0.5
µs
t(SUSTA)
Repeated START condition setup time
0.6
0.26
µs
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
0.6
0.26
µs
t(SUSTO)
STOP condition setup time
0.6
0.26
µs
t(HDDAT)
Data hold time(2)
100
900
12
150
ns
t(SUDAT)
Data setup time
100
50
ns
t(LOW)
SCL clock low period
1.3
0.5
µs
t(HIGH)
SCL clock high period
0.6
0.26
µs
t(VDAT)
Data valid time (data response time)(3)
0.9
0.45
µs
tR
SDA, SCL rise time
300
120
ns
tF
SDA, SCL fall time
300
20 x
(V+ / 5.5 V)
120
ns
ttimeout
Timeout (SCL = GND or SDA = GND)
30
30
ms
tLPF
Glitch suppression filter
50
50
ns
(1)
The controller and device have the same V+ value. Values are based on statistical analysis of samples tested during initial release.
(2)
The maximum t(HDDAT) can be 0.9 µs for fast mode, and is less than the maximum t(VDAT) by a transition time.
(3)
t(VDAT) = time for data signal from SCL LOW to SDA output (HIGH to LOW, depending on which is worse).
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
Figure 6-1. Two-Wire Timing Diagram
www.ti.com
TMP110
SNIS233 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com