Electronic Components Datasheet Search
  English  ▼

X  

PCF2105 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF2105
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF2105 Datasheet HTML 38Page - NXP Semiconductors PCF2105 Datasheet HTML 39Page - NXP Semiconductors PCF2105 Datasheet HTML 40Page - NXP Semiconductors PCF2105 Datasheet HTML 41Page - NXP Semiconductors PCF2105 Datasheet HTML 42Page - NXP Semiconductors PCF2105 Datasheet HTML 43Page - NXP Semiconductors PCF2105 Datasheet HTML 44Page - NXP Semiconductors PCF2105 Datasheet HTML 45Page - NXP Semiconductors PCF2105 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
1998 Jul 30
42
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
Table 10 Initialization by instruction; 8-bit interface (note 1)
Note
1. X = don’t care.
STEP
DESCRIPTION
Power-on or unknown state
|
Wait 2 ms after VDD rises above VPOR
|
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 BF cannot be checked before this instruction; function
set (interface is 8-bits long)
0
00011
XXXX
|
Wait 2 ms
|
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 BF cannot be checked before this instruction; function
set (interface is 8-bits long)
0
00011
XXXX
|
Wait more than 40
µs
|
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 BF cannot be checked before this instruction; function
set (interface is 8-bits long)
0
00011
XXXX
|
|
|
|
BF can be checked after the following instructions;
when BF is not checked, the waiting time between
instructions is the specified instruction time
(see Table 3)
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 function set (interface is 8-bits long); specify the
number of display lines
0
00011
N
M
X
0
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 display off
0
000001000
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 clear display
0
000000001
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 entry mode set
0
0000001
I/D
S
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com