Electronic Components Datasheet Search
  English  ▼

X  

PCF2105 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF2105
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF2105 Datasheet HTML 11Page - NXP Semiconductors PCF2105 Datasheet HTML 12Page - NXP Semiconductors PCF2105 Datasheet HTML 13Page - NXP Semiconductors PCF2105 Datasheet HTML 14Page - NXP Semiconductors PCF2105 Datasheet HTML 15Page - NXP Semiconductors PCF2105 Datasheet HTML 16Page - NXP Semiconductors PCF2105 Datasheet HTML 17Page - NXP Semiconductors PCF2105 Datasheet HTML 18Page - NXP Semiconductors PCF2105 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
1998 Jul 30
15
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
8.14
Programming of the MUX rate 1 : 16
With the MUX rate 1 : 16 the PCF2105 can be used in the
following ways:
• To drive a 1-line display of 24 characters
• To drive a 2-line display of 12 characters, resulting in
better contrast. The internal data flow of the chip is
optimized for this purpose.
To program the MUX rate 1 : 16, bits M and N of the
‘function set’ instruction must be set to logic 0
(see Table 3). Figures 10, 11 and 12 show the DDRAM
addresses of the display characters. The second row of
each figure corresponds to either the right half of a 1-line
display or to the second line of a 2-line display. Wrap
around of data during display shift or when writing data is
non-standard.
Fig.10 DDRAM-to-display mapping; no shift.
handbook, full pagewidth
00
01
02
03
04
05
06
07
08
09
0A
0B
1
23
4
5
67
8
9
10
11
12
MLB899
display position
DDRAM address
0C
0D
0E
0F
10
11
12
13
14
15
16
17
13
14
15
16
17
18
19
20
21
22
23
24
display position
DDRAM address
Fig.11 DDRAM-to-display mapping; right shift.
handbook, full pagewidth
4F
00
01
02
03
04
05
06
07
08
09
0A
1
23
4
5
67
8
9
10
11
12
MLB900
display position
DDRAM address
0B
0C
0D
0E
0F
10
11
12
13
14
15
16
13
14
15
16
17
18
19
20
21
22
23
24
display position
DDRAM address
Fig.12 DDRAM-to-display mapping; left shift.
handbook, full pagewidth
01
02
03
04
05
06
07
08
09
0A
0B
0C
1
23
4
5
67
8
9
10
11
12
MLB901
display position
DDRAM address
0D
0E
0F
10
11
12
13
14
15
16
17
18
13
14
15
16
17
18
19
20
21
22
23
24
display position
DDRAM address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com