Electronic Components Datasheet Search
  English  ▼

X  

PCE-SD60C Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SD60C
Description  Tabletop Scale PCE-SD 60C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD60C Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SD60C Datasheet HTML 1Page - PCE Instruments. PCE-SD60C Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Edition
Measureme
ntrange
Accuracy
Calibrationv
alue
minimalloa
d*
platformsize
PCE-SD30C
30kg
10g
10g
200g 400x 500 mm
PCE-SD60C
60kg
20g
20g
400g 400x 500 mm
PCE-SD150C
150kg
50g
50g
1kg 400x 500 mm
PCE-SD300C
300kg
100g
100g
2kg 400x 500 mm
PCE-SD33C
30kg
10g
10g
200g 500x 600 mm
PCE-SD63C
60kg
20g
20g
400g 500x 600 mm
PCE-SD153C
150kg
50g
50g
1kg 500x 600 mm
PCE-SD303C
300kg
100g
100g
2kg 500x 600 mm
*the minimal load is defined here as the load above which the
calibrationauthorities test their accuracy. The calibratable scale shows even
lowerweights, but these are not allowed to be used for custody transfer. 
CalibrationClass 
MIII (is delivered calibrated)
UnitCounter
throughcounting by reference value
Tarefunction
Multipletare function for whole measurement range
Interface
RS-232bi-directional
Descriptionof interface
RS-485, LAN and USB optional
Display
LEDwith 20 mm digit height
PowerSupply
12V / 1.4 A incl. adapter
IPCode
IP54
Operationaltemperature -10 °C ... + 40 °C
Diameters
400x 620 x 850 - 870 mm
Weight
approx.12 kg
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com