Electronic Components Datasheet Search
  English  ▼

X  

PCE-SD60C Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SD60C
Description  Tabletop Scale PCE-SD 60C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD60C Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SD60C Datasheet HTML 1Page - PCE Instruments. PCE-SD60C Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tabletop Scale PCE-SD 60C
Calibratabletabletop scale / platform 400 x 500 mm or 500 x 600 mm  /bi-directional RS- 232 interface / 
item counter / Summation function / RS-485, analogue outputs 4-20 mA, 0- 10 V optional  
Thecalibratable tabletop scale is a solid calibratable platform scale thatis reasonably priced. The calibration of the tabletop scale is performedby
calibrating authorities following the calibration directives of ClassM III. The solid base of the calibratable tabletop scale is made oflacquered
steel and features a plastic-coated platform made of steel.The calibratable tabletop scale also has pedestals that can bealternated in their
height, assuring a firm stand. The navigationdisplay of the counting scale is placed on a stand mounted within areachable height and fixed to
the tabletop scale. In order to assure anideal readability of the display at all time, the display can bealternated in its angle. Functions that the
calibratable tabletop scalefeatures are: automatic tare, item counter, saving tare value, gross /net weighing, percentage calculation, threshold
weighing, etc. Furthercharacteristics of the calibratable counting scale are: e.g. analogueoutput 4 ... 20 mA or 0 ...  10 V, RS-485, LAN
interfaces,potential-free contact, USB data storage, scanner input etc.
Calibratable(delivery incl. calibration)
Bi-directional RS-232 interface
Unit counter
Summation function
Max. / min. display
Percentage weighing 
Formula weighing
Statistics function
Animal weighing function
Gross / net function
Tare data storage
Threshold weighing MIN / MAX / OK
3 potential-free contacts optional
Analogue outputs optional (4-20 mA / 0-10 V)


Similar Part No. - PCE-SD60C

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SD60CR PCE-PCE-SD60CR Datasheet
191Kb / 2P
Roller Scale PCE-SD 60CR
More results

Similar Description - PCE-SD60C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
Advantech Co., Ltd.
UTK-752 ADVANTECH-UTK-752 Datasheet
390Kb / 2P
21.5Slim Tabletop Kiosk
7-Oct-2020
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
logo
Advantech Co., Ltd.
FWA-1010VC ADVANTECH-FWA-1010VC Datasheet
766Kb / 2P
Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
UTK-7115 ADVANTECH-UTK-7115 Datasheet
1Mb / 4P
15.6" Slim Tabletop Kiosk
26-Jan-2022
UTK-7121 ADVANTECH-UTK-7121 Datasheet
968Kb / 4P
21.5" Slim Tabletop Kiosk
26-Jan-2022
UTK-7515 ADVANTECH-UTK-7515 Datasheet
723Kb / 4P
15.6" Slim Tabletop Kiosk
27-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com