Electronic Components Datasheet Search
  English  ▼

X  

PCF1252-5 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF1252-5
Description  Threshold detector and reset generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1252-5 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF1252-5 Datasheet HTML 1Page - NXP Semiconductors PCF1252-5 Datasheet HTML 2Page - NXP Semiconductors PCF1252-5 Datasheet HTML 3Page - NXP Semiconductors PCF1252-5 Datasheet HTML 4Page - NXP Semiconductors PCF1252-5 Datasheet HTML 5Page - NXP Semiconductors PCF1252-5 Datasheet HTML 6Page - NXP Semiconductors PCF1252-5 Datasheet HTML 7Page - NXP Semiconductors PCF1252-5 Datasheet HTML 8Page - NXP Semiconductors PCF1252-5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Apr 16
4
Philips Semiconductors
Product specification
Threshold detector and reset generator
PCF1252-X family
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal handling precautions appropriate to handling MOS devices (see
“Handling MOS Devices”).
CHARACTERISTICS
VDD = 2.4 to 6.0 V; VSS =0V; Tamb = −40 to +85 °C; (see Fig.3); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
VDD + 0.5
V
II
DC clamp-diode current
all pins: VI < −0.5 V
or VI >VDD + 0.5 V
−
20
mA
IO
output current
−
20
mA
Ptot
total power dissipation
−
150
mW
Tstg
storage temperature
−65
+100
°C
Tamb
operating ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.4
−
6.0
V
VTRIP
Voltage trip-point:
Tamb =25 °C; note 1
PCF1252-0
4.70
4.75
4.80
V
PCF1252-1
4.50
4.55
4.60
V
PCF1252-2
4.20
4.25
4.30
V
PCF1252-3
4.00
4.05
4.10
V
PCF1252-4
3.70
3.75
3.80
V
PCF1252-5
3.50
3.55
3.60
V
PCF1252-6
3.20
3.25
3.30
V
PCF1252-7
3.00
3.05
3.10
V
PCF1252-8
2.70
2.75
2.80
V
PCF1252-9
2.50
2.55
2.60
V
IDD
supply current
Tamb =25 °C;
VDD =VTRIP + 0.5 V;
COMIN = VDD;
see Figs. 4 and 5
−
10
15
µA
∆V
TRIP
voltage trip-point temperature
coefficient
note 2
−±100 × 10−6 ±400 × 10−6 mV/K
Vhys
voltage trip-point hysteresis
15
30
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com