Electronic Components Datasheet Search
  English  ▼

X  

PCF1252-5 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF1252-5
Description  Threshold detector and reset generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1252-5 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF1252-5 Datasheet HTML 1Page - NXP Semiconductors PCF1252-5 Datasheet HTML 2Page - NXP Semiconductors PCF1252-5 Datasheet HTML 3Page - NXP Semiconductors PCF1252-5 Datasheet HTML 4Page - NXP Semiconductors PCF1252-5 Datasheet HTML 5Page - NXP Semiconductors PCF1252-5 Datasheet HTML 6Page - NXP Semiconductors PCF1252-5 Datasheet HTML 7Page - NXP Semiconductors PCF1252-5 Datasheet HTML 8Page - NXP Semiconductors PCF1252-5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Apr 16
2
Philips Semiconductors
Product specification
Threshold detector and reset generator
PCF1252-X family
FEATURES
• Very low current consumption, typically 10 µA
• 10 factory programmed threshold voltages available
covering trip voltages from 4.75 to 2.55 V
•±50 mV trip point accuracy over full temperature range
• Variable RESET delay
• RESET pulse polarity selection
• Defined outputs at 0.6 V (typ.)
• Comparator for second level detection
(e.g. overvoltage detection)
• Advance warning of power fail
• Operating temperature range −40 to +85 °C.
GENERAL DESCRIPTION
The PCF1252-Xs are low-power CMOS voltage threshold
detectors designed especially for supervision of
microcontroller/microprocessor systems for detection of
power-on/off conditions and generation of a system reset
pulse. The PCF1252-X also provides a POWF (power fail)
output which is activated at a precise factory-programmed
trip point. A system RESET output has a built-in delay with
duration determined by an external capacitor (CCT).
A second comparator (comparator 2) has been included to
enable the possibility of a second monitoring point in the
system.
ORDERING INFORMATION
Note
1. X = 0 to 9; depending on threshold voltage.
BLOCK DIAGRAM
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF1252-XP(1)
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF1252-XT(1)
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Fig.1 Block diagram.
handbook, full pagewidth
+
−
+
−
COMIN
comparator 2
83
5
PCF1252-X
7
6
1
CT
SELECT
RESET
POWF
COMOUT
MGC915
1.30 V
42
comparator 1
DELAY
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com