Electronic Components Datasheet Search
  English  ▼

X  

PCF5078 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF5078
Description  Power amplifier controller for GSM and PCN systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5078 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF5078 Datasheet HTML 1Page - NXP Semiconductors PCF5078 Datasheet HTML 2Page - NXP Semiconductors PCF5078 Datasheet HTML 3Page - NXP Semiconductors PCF5078 Datasheet HTML 4Page - NXP Semiconductors PCF5078 Datasheet HTML 5Page - NXP Semiconductors PCF5078 Datasheet HTML 6Page - NXP Semiconductors PCF5078 Datasheet HTML 7Page - NXP Semiconductors PCF5078 Datasheet HTML 8Page - NXP Semiconductors PCF5078 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1999 Apr 12
5
Philips Semiconductors
Product specification
Power amplifier controller for GSM and
PCN systems
PCF5078
After this preset, the control voltage is free to increase
according to the control loop if RF input is present
(see Fig.3).
For higher DAC ramp steps the delay time of opening
switch S3 (and closing switch S4) is reduced. On the
contrary, the delay time between opening switch S2 with
respect to opening switch S3 (and closing switch S4)
remains unchanged.
For a correct start-up it is required that the rising time of the
supply voltage is maximum 20
µs.
End of a burst
For a proper down ramp, the final value of the DAC input
voltage should be below the value at the beginning of the
burst and so be able to really shut-off the PA (see Fig.5).
This means the code programmed for the last bit of the
DAC down ramp (CODEEND) has to be lower than the
initial value of the up ramp (CODESTART). Moreover, the
last code must be maintained until the supply voltage has
been switched off.
When the voltage on pin VC is detected to be lower than
VVHOME a built-in mechanism forces the voltage on pin VC
to Vprebias by closing switches S1, S2 and S3 and by
opening switches S4 and S5.
For proper operation, the supply voltage should be
switched off at least 15
µs later with respect to the end of
the down ramp on pin VDAC.
PA protection against mismatching
A second sensor amplified input is integrated into the
PCF5078 for measuring the reflected wave of the
directional coupler. The signal is added to the measured
RF power signal (see Fig.3). When mismatching at the
output of the PA occurs the power is reduced. A high
Voltage Standing Wave Ratio (VSWR) at the output of the
PA often occurs in systems where the PA is connected to
the antenna via switches with low attenuation instead of
using a duplex filter.
Home position voltage
A forward voltage of an on-chip silicon diode is provided as
the default home position voltage Vhome. This voltage
matches the requirements at the control input of most PAs
and exhibits the same temperature coefficient.
However, if another value is needed for a certain PA the
level can be adjusted by connecting external components
to pin VHOME (see Figs 10 and 11). The home position
voltage can be set between 200 and 1000 mV when using
a capacitor of 50 pF connected between pins VINT
and VC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com