Electronic Components Datasheet Search
  English  ▼

X  

PCF5078 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF5078
Description  Power amplifier controller for GSM and PCN systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5078 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF5078 Datasheet HTML 10Page - NXP Semiconductors PCF5078 Datasheet HTML 11Page - NXP Semiconductors PCF5078 Datasheet HTML 12Page - NXP Semiconductors PCF5078 Datasheet HTML 13Page - NXP Semiconductors PCF5078 Datasheet HTML 14Page - NXP Semiconductors PCF5078 Datasheet HTML 15Page - NXP Semiconductors PCF5078 Datasheet HTML 16Page - NXP Semiconductors PCF5078 Datasheet HTML 17Page - NXP Semiconductors PCF5078 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1999 Apr 12
14
Philips Semiconductors
Product specification
Power amplifier controller for GSM and
PCN systems
PCF5078
PACKAGE OUTLINE
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
0.95
0.80
0.45
0.25
0.28
0.15
3.10
2.90
3.10
2.90
0.65
5.10
4.70
0.70
0.35
6
°
0
°
0.1
0.1
0.1
0.94
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.70
0.40
SOT505-1
99-04-09
w M
bp
D
Z
e
0.25
14
8
5
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
1.10
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com