Electronic Components Datasheet Search
  English  ▼

X  

TUSB211A Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB211A
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB211A Datasheet HTML 2Page - Texas Instruments TUSB211A Datasheet HTML 3Page - Texas Instruments TUSB211A Datasheet HTML 4Page - Texas Instruments TUSB211A Datasheet HTML 5Page - Texas Instruments TUSB211A Datasheet HTML 6Page - Texas Instruments TUSB211A Datasheet HTML 7Page - Texas Instruments TUSB211A Datasheet HTML 8Page - Texas Instruments TUSB211A Datasheet HTML 9Page - Texas Instruments TUSB211A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5.7 Timing Requirements
MIN
NOM
MAX
UNIT
POWER UP TIMING
TRSTN_PW
Minimum width to detect a valid RSTN signal assert when the pin is actively
driven low
100
µs
TSTABLE
VCC must be stable before RSTN de-assertion
300
µs
TREADY
Maximum time needed for the device to be ready after RSTN is de-
asserted.
500
µs
TRAMP
VCC ramp time
100
ms
TRAMP
VCC ramp time
0.2
ms
5.8 Typical Characteristics
The typical characteristics shown in this section apply to near-end eye measurements taken at nominal conditions. The eyes
are measured with various pre-channel cable lengths applied at the input or post-channel cable lengths applied at the output
of the TUSB211A-Q1 as indicated.
Figure 5-1. 2 Meter Pre-Channel With TUSB211A-Q1 EQ=1
Figure 5-2. 5 Meter Pre-Channel With TUSB211A-Q1 EQ=2
Figure 5-3. 2 Meter Post-Channel With TUSB211A-Q1 EQ=1
Figure 5-4. 4 Meter Post-Channel With TUSB211A-Q1 EQ=2
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB211A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com