Electronic Components Datasheet Search
  English  ▼

X  

TUSB211A Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB211A
Description  TUSB211A-Q1 Automotive USB 2.0 480Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB211A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB211A Datasheet HTML 5Page - Texas Instruments TUSB211A Datasheet HTML 6Page - Texas Instruments TUSB211A Datasheet HTML 7Page - Texas Instruments TUSB211A Datasheet HTML 8Page - Texas Instruments TUSB211A Datasheet HTML 9Page - Texas Instruments TUSB211A Datasheet HTML 10Page - Texas Instruments TUSB211A Datasheet HTML 11Page - Texas Instruments TUSB211A Datasheet HTML 12Page - Texas Instruments TUSB211A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The purpose of the TUSB211A-Q1 is to restore the signal integrity of a USB High-speed channel up to the USB
connector. The loss in signal quality stems from reduced channel bandwidth due to high loss PCB trace and
other components that contribute a capacitive load. This can cause the channel to fail the USB near end eye
mask. Proper use of the TUSB211A-Q1 can help to pass this eye mask.
A secondary purpose is to use the CD pin of the TUSB211A-Q1 to control other blocks on the customer platform,
if so desired.
7.2 Typical Application
A typical application for TUSB211A-Q1 is shown in Figure 7-1. In this setup, D2P and D2M face the USB
connector while D1P and D1M face the USB host. The orientation may be reversed [that is, D2 faces transceiver
and D1 faces connector].
100 nF
R
EQ
Supply
+3.3 V or +5 V
1 µF
(op onal)
100 nF
USB
Host or Hub
CON_D2P
CON_D2N
USB_D1P
USB_D1N
Copyright © 2023, Texas Instruments Incorporated
RSTN
EQ
D2P
D2M
GND
VCC
D1M
D1P
Ferrite Bead
100
at 100 MHz
Connect
D1P and D2P
Connect
D1M and D2M
Figure 7-1. TUSB211A-Q1 Reference Schematic
www.ti.com
TUSB211A-Q1
SLLSFX8 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB211A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com