Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 8Page - NXP Semiconductors PCF8531 Datasheet HTML 9Page - NXP Semiconductors PCF8531 Datasheet HTML 10Page - NXP Semiconductors PCF8531 Datasheet HTML 11Page - NXP Semiconductors PCF8531 Datasheet HTML 12Page - NXP Semiconductors PCF8531 Datasheet HTML 13Page - NXP Semiconductors PCF8531 Datasheet HTML 14Page - NXP Semiconductors PCF8531 Datasheet HTML 15Page - NXP Semiconductors PCF8531 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
2000 Feb 11
12
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
handbook, full pagewidth
MGS471
012
128
129
130
256
257
258
384
385
386
512
513
514
0
1
icon data
0
1
2
3
4
5
127
255
383
511
639
0
127
X address
Y address
Fig.7 Sequence of writing data bytes into RAM with horizontal addressing (V = 0).
8.18
Instructions
Only two PCF8531 registers, the Instruction Register (IR)
and the Data Register (DR) can be directly controlled by
the MPU. Before internal operation, control information is
stored temporarily in these registers to allow interfacing to
various types of MPUs which operate at different speeds
or to allow interfacing to peripheral control ICs.
The PCF8531 operation is controlled by the instructions
given in Table 1. Details are explained in subsequent
sections.
Instructions are of four types:
1. Those that define PCF8531 functions such as display
configuration, etc.
2. Those that set internal RAM addresses
3. Those that perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are used most
frequently. Automatic incrementing by 1 of internal RAM
addresses after each data write reduces the MPU program
load.
8.18.1
RESET
After reset or internal Power-on reset (depending on
application), the LCD driver will be set to the following
state:
• Power-down mode (PD = 1)
• Horizontal addressing (V = 0)
• Display blank (D = 0; E = 0), no icon mode (IM = 0)
• Address counter X[6:0] = 0; Y[2:0] = 0
• Bias system BS[2:0] = 0
• Multiplex rate M[1:0] = 0 (Mux rate 1 : 17)
• Temperature control mode TC[2:0] = 0
• HV-gen control, HVE = 0 the HV generator is switched
off, PRS = 0 and S[1:0] = 0
• VLCD =0V
• RAM data is undefined
• Command page definition H[1:0] = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com