Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8531 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 11Page - NXP Semiconductors PCF8531 Datasheet HTML 12Page - NXP Semiconductors PCF8531 Datasheet HTML 13Page - NXP Semiconductors PCF8531 Datasheet HTML 14Page - NXP Semiconductors PCF8531 Datasheet HTML 15Page - NXP Semiconductors PCF8531 Datasheet HTML 16Page - NXP Semiconductors PCF8531 Datasheet HTML 17Page - NXP Semiconductors PCF8531 Datasheet HTML 18Page - NXP Semiconductors PCF8531 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
2000 Feb 11
15
Philips Semiconductors
Product specification
34
× 128 pixel matrix driver
PCF8531
handbook, full pagewidth
MGL935
00
01
02
a
VLCD
03
04
05
06
. . . 7D
7E
7F
00
01
02
03
04
05
06
. . . 5F
6F
7F
b
LOW
HIGH
Fig.8 VOP programming of PCF8531.
VOP[6:0] (programmed) [00H to 7FH] programme range LOW and HIGH.
8.18.10 VOLTAGE MULTIPLIER CONTROL S[1:0]
The PCF8531 incorporates a software configurable
voltage multiplier. After reset (internal or external), the
voltage multiplier is set to 2
× VDD2. The voltage multiplier
factors are set via the command ‘HV-gen configuration’
(see Tables 4, 5 and 6).
8.18.11 TEMPERATURE COMPENSATION
Due to the temperature dependency of the liquid crystal’s
viscosity, the LCD controlling voltage VLCD should usually
be increased at lower temperatures to maintain optimum
contrast. Figure 9 shows VLCD for high multiplex rates.
Linear temperature compensation is supported in the
PCF8531. The temperature coefficient of VLCD can be
selected from eight values by setting bits TC[2:0]
(see Tables 4, 5 and 6).
handbook, halfpage
MGS473
T
VLCD
0
°C
Fig.9
VLCD as a function of liquid crystal
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com