Electronic Components Datasheet Search
  English  ▼

X  

M1963 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # M1963
Description  1-PHASE AC/DC POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1963 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  M1963 Datasheet HTML 1Page - Enercon Technologies Europe AG M1963 Datasheet HTML 2Page - Enercon Technologies Europe AG M1963 Datasheet HTML 3Page - Enercon Technologies Europe AG M1963 Datasheet HTML 4Page - Enercon Technologies Europe AG M1963 Datasheet HTML 5Page - Enercon Technologies Europe AG M1963 Datasheet HTML 6Page - Enercon Technologies Europe AG M1963 Datasheet HTML 7Page - Enercon Technologies Europe AG M1963 Datasheet HTML 8Page - Enercon Technologies Europe AG M1963 Datasheet HTML 9Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3 of 9
Aug 10, 2021
|
Rev (g)
|
Doc: DS_M1963 Series
M1963 Series– AC/DC Power Supply
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Protections *
Input
• Inrush Current Limiter
Peak value of up to 5 times of
maximum steady-state input
current for inrush currents lasting
longer than 50 µs.
Output
• Overvoltage protection
Passive transorbs selected at 120%
± 10% of nominal voltage.
• Overload / short-
circuit protection
Continuous protection (constant
current) for unlimited time.
General
• Over temperature protection:
Shutdown at baseplate
temperature of +105 C ± 5 C.
Automatic recovery when
baseplate temperature returns to
+95 C ± 5 C.
Reliability
100,000 hours, calculated per MIL-STD-217F Notice 2 at +85
C baseplate, Ground Fix conditions.
Environmental Stress Screening (ESS)
100% of delivered units undergo testing in minimum ambient temperature and maximum baseplate temperature, in
addition to testing at room temperature. Additional testing such as random vibration and thermal cycling can be
added upon request -
consult factory for details and quote if required.
* Thresholds and protections can be modified / removed – please consult factory.
Vibration
Method 514.5
General minimum integrity
exposure IAW Figure
514.5C-17
1 hour per axis.
Shock
Method 516.5
20 g, 11 ms terminal peak saw-tooth
Salt Fog
Method 509.4
Environmental Conditions
Designed to Meet MIL-STD-810F Temperature
Methods 501.4 & 502.4
Operating: –40 
C to +85 C (at baseplate) Storage: –
55 
C to +125 C (ambient)
Altitude
Method 500.4
Procedures I – up to 70,000 ft. (non-operational)
Procedure II – up to 40,000 ft. (operational)
Humidity
Method 507.4
Up to 95% RH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com